this document was generated on 04/26/2010 please check www.molex.com for latest part information part number: 0395333012 status: active description: 5.08mm (.200") pitch eurostyle? vertical plug, front wire entry, 12 circuits documents: drawing (pdf) rohs certificate of compliance (pdf) product specification ps-39500-001 (pdf) general product family terminal blocks series 39533 application wire-to-board comments front wire entry component type plug product literature order no usa-355 product name ese, eurostyle?pluggable type euro block physical circuits (loaded) 12 entry angle horizontal lock to mating part yes number of rows 1 orientation vertical pc tail length (in) 0.200 in pc tail length (mm) 5.08 mm panel mount no pitch - mating interface (in) 0.200 in pitch - mating interface (mm) 5.08 mm polarized to mating part yes stackable no temperature range - operating -40c to +105c wire size awg 12, 14, 16, 18, 20, 22, 24, 26 wire size mm2 0.13 - 3.31 electrical current - maximum per contact 15a voltage - maximum 300v material info reference - drawing numbers product specification ps-39500-001 sales drawing sd-39533-001 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 39533 series mates with 39531 vertical pcb header, 39532 horizontal pcb header, most 5.08mm (.200") pitch industry standard pcb headers, 39538 dual level header, open ends this document was generated on 04/26/2010 please check www.molex.com for latest part information
material numbers black green 100% tin 30 u" gold 100% tin 30 u" gold dimensional information printing options printing options printing options printing options dim. a dim b description circuit size none 10av 11av none 10av 11av none 10av 11av none 10av 11av mm inch mm inch 5.08mm, euro plug, vertical, rear wire entry 2 395333002 395333302 395333402 395333502 395333802 395333902 395338002 395338302 395338402 395338502 395338802 395338902 10.16 0 .400 5.08 0.200 5.08mm, euro plug, vertical, rear wire entry 3 395333003 395333303 395333403 395333503 395333803 395333903 395338003 395338303 395338403 395338503 395338803 395338903 15.24 0 .600 10.16 0.400 5.08mm, euro plug, vertical, rear wire entry 4 395333004 395333304 395333404 395333504 395333804 395333904 395338004 395338304 395338404 395338504 395338804 395338904 20.32 0 .800 15.24 0.600 5.08mm, euro plug, vertical, rear wire entry 5 395333005 395333305 395333405 395333505 395333805 395333905 395338005 395338305 395338405 395338505 395338805 395338905 25.40 1 .000 20.32 0.800 5.08mm, euro plug, vertical, rear wire entry 6 395333006 395333306 395333406 395333506 395333806 395333906 395338006 395338306 395338406 395338506 395338806 395338906 30.48 1 .200 25.40 1.000 5.08mm, euro plug, vertical, rear wire entry 7 395333007 395333307 395333407 395333507 395333807 395333907 395338007 395338307 395338407 395338507 395338807 395338907 35.56 1 .400 30.48 1.200 5.08mm, euro plug, vertical, rear wire entry 8 395333008 395333308 395333408 395333508 395333808 395333908 395338008 395338308 395338408 395338508 395338808 395338908 40.64 1 .600 35.56 1.400 5.08mm, euro plug, vertical, rear wire entry 9 395333009 395333309 395333409 395333509 395333809 395333909 395338009 395338309 395338409 395338509 395338809 395338909 45.72 1 .800 40.64 1.600 5.08mm, euro plug, vertical, rear wire entry 10 395333010 395333310 395333410 395333510 395333810 395333910 395338010 395338310 395338410 395338510 395338810 395338910 50.80 2 .000 45.72 1.800 5.08mm, euro plug, vertical, rear wire entry 11 395333011 395333311 395333411 395333511 395333811 395333911 395338011 395338311 395338411 395338511 395338811 395338911 55.88 2 .200 50.80 2.000 5.08mm, euro plug, vertical, rear wire entry 12 395333012 395333312 395333412 395333512 395333812 395333912 395338012 395338312 395338412 395338512 395338812 395338912 60.96 2 .400 55.88 2.200 5.08mm, euro plug, vertical, rear wire entry 13 395333013 395333313 395333413 395333513 395333813 395333913 395338013 395338313 395338413 395338513 395338813 395338913 66.04 2 .600 60.96 2.400 5.08mm, euro plug, vertical, rear wire entry 14 395333014 395333314 395333414 395333514 395333814 395333914 395338014 395338314 395338414 395338514 395338814 395338914 71.12 2 .800 66.04 2.600 5.08mm, euro plug, vertical, rear wire entry 15 395333015 395333315 395333415 395333515 395333815 395333915 395338015 395338315 395338415 395338515 395338815 395338915 76.20 3 .000 71.12 2.800 5.08mm, euro plug, vertical, rear wire entry 16 395333016 395333316 395333416 395333516 395333816 395333916 395338016 395338316 395338416 395338516 395338816 395338916 81.28 3 .200 76.20 3.000 5.08mm, euro plug, vertical, rear wire entry 17 395333017 395333317 395333417 395333517 395333817 395333917 395338017 395338317 395338417 395338517 395338817 395338917 86.36 3 .400 81.28 3.200 5.08mm, euro plug, vertical, rear wire entry 18 395333018 395333318 395333418 395333518 395333818 395333918 395338018 395338318 395338418 395338518 395338818 395338918 91.44 3 .600 86.36 3.400 5.08mm, euro plug, vertical, rear wire entry 19 395333019 395333319 395333419 395333519 395333819 395333919 395338019 395338319 395338419 395338519 395338819 395338919 96.52 3 .800 91.44 3.600 5.08mm, euro plug, vertical, rear wire entry 20 395333020 395333320 395333420 395333520 395333820 395333920 395338020 395338320 395338420 395338520 395338820 395338920 101.60 4.000 96.52 3.800 5.08mm, euro plug, vertical, rear wire entry 21 395333021 395333321 395333421 395333521 395333821 395333921 395338021 395338321 395338421 395338521 395338821 395338921 106.68 4.200 101.60 4.000 5.08mm, euro plug, vertical, rear wire entry 22 395333022 395333322 395333422 395333522 395333822 395333922 395338022 395338322 395338422 395338522 395338822 395338922 111.76 4.400 106.68 4.200 5.08mm, euro plug, vertical, rear wire entry 23 395333023 395333323 395333423 395333523 395333823 395333923 395338023 395338323 395338423 395338523 395338823 395338923 116.84 4.600 111.76 4.400 5.08mm, euro plug, vertical, rear wire entry 24 395333024 395333324 395333424 395333524 395333824 395333924 395338024 395338324 395338424 395338524 395338824 395338924 121.92 4.800 116.84 4.600
|